Part Number Hot Search : 
2415S P2000B 6734KAVD SKY65 DS2836 8F320 M200D PC100
Product Description
Full Text Search
 

To Download ASI10659 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TVV020
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI TVV020 is Designed for
PACKAGE STYLE .500 4L STUD
45 A
D
FEATURES:
* * * OmnigoldTM Metalization System
B OC D E
S G
S
J I SEATING PLANE
MAXIMUM RATINGS
IC VCEO VCES VEBO PDISS TJ TSTG JC 8.0 A 35 V 60 V 4.0 V 140 W @ TC = 25 C -65 OC to +200 OC -65 C to +150 C 1.5 OC/W
O O O
DIM A B C D E F G H I J
F
G
H
#10-32 UNF
MINIMUM
inches / mm
MAXIMUM
inches / mm
1.010 / 25.65 .220 / 5.59 .495 / 12.57 .003 / 0.08 .160 / 4.06 .622 / 15.80 .100 / 2.54 .415 / 10.54 .720 / 18.29 .250 / 6.35
1.050 / 26.67 .230 / 5.84 .505 / 12.83 .007 / 0.18 .180 / 4.57 .130 / 3.31 .425 / 10.80 .290 / 7.37
ORDER CODE: ASI10659
CHARACTERISTICS
SYMBOL
BVCBO BVCER BVCEO BVEBO ICES hFE COB PG IMD3 IC = 50 mA IC = 50 mA IC = 50 mA IE = 10 mA VCB = 50 V
TC = 25 C
O
NONETEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
65 60 35 4.0 5.0
UNITS
V V V V mA --pF dB dBc
VCE = 5.0 V VCB = 30 V VCE = 25 V POUT = 14 W
IC = 1.0 A f = 1.0 MHz IC = 2.5 A f = 225 MHz
20
120 85
8.0 -51
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10659

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X